Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320F241FN Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TMS320F241FN
Descripción Electrónicos  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 3Page - Texas Instruments TMS320F241FN Datasheet HTML 4Page - Texas Instruments TMS320F241FN Datasheet HTML 5Page - Texas Instruments TMS320F241FN Datasheet HTML 6Page - Texas Instruments TMS320F241FN Datasheet HTML 7Page - Texas Instruments TMS320F241FN Datasheet HTML 8Page - Texas Instruments TMS320F241FN Datasheet HTML 9Page - Texas Instruments TMS320F241FN Datasheet HTML 10Page - Texas Instruments TMS320F241FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions - ’C242 PG and FN Packages (Continued)
NAME
64-PIN
QFP
68-PIN
PLCC
TYPE†
RESET
STATE‡
DESCRIPTION
NAME
NO.
NO.
TYPE†
STATE‡
DESCRIPTION
BIT I/O PINS
IOPC2
45
56
I/O
GPIO
IOPC3
46
57
I/O
GPIO
IOPC4
47
58
I/O
I
GPIO
IOPC5
48
59
I/O
I
GPIO
IOPC6
4
11
I/O
GPIO
IOPC7
3
10
I/O
GPIO
SERIAL COMMUNICATIONS INTERFACE (SCI) AND BIT I/O PINS
SCITXD/
IOPA0
43
54
I/O
I
SCI asynchronous serial port transmit data or GPIO
SCIRXD/
IOPA1
44
55
I/O
I
SCI asynchronous serial port receive data or GPIO
INTERRUPT, EXTERNAL ACCESS, AND MISCELLANEOUS SIGNALS
RS
27
35
I/O
I
Device reset. RS causes the ’C242 to terminate execution and sets
PC=0. After RS is brought to a high level, execution begins at location
zero of program memory. RS affects (sets to zero) various registers and
status bits. When the watchdog timer overflows, it initiates a system reset
pulse that is reflected on the RS pin. This pulse is eight clock cycles wide.
NMI§
53
64
I
I
Nonmaskable interrupt. When NMI is activated, the device is interrupted
regardless of the state of the INTM bit of the status register. NMI is
(falling) edge- and low-level-sensitive. To be recognized by the core, this
pin must be kept low for at least one clock cycle after the falling edge.
XINT1/
IOPA2
55
66
I/O
I
External user interrupt 1 or GPIO. Both XINT1 and XINT2 are edge-
sensitive. To be recognized by the core, these pins must be kept low/high
for at least one clock cycle after the edge. The edge polarity is
programmable.
XINT2/ADCSOC/
IOPD1
54
65
I/O
I
External user interrupt 2. External “start-of-conversion” input for
ADC/GPIO. Both XINT1 and XINT2 are edge-sensitive. To be
recognized by the core, these pins must be kept low/high for at least one
clock cycle after the edge. The edge polarity is programmable.
XF/IOPC0§
39
50
I/O
O – 1
External flag output (latched software-programmable signal). XF is a
general-purpose output pin. It is set/reset by the SETC XF/CLRC XF
instruction. This pin is configured as an external flag output by all device
resets. It can be used as a GPIO, if not used as XF.
BIO/ IOPC1§
42
53
I/O
I
Branch control input. BIO is polled by the BCND pma,BIO instruction. If
BIO is low, a branch is executed. If BIO is not used, it should be pulled
high. This pin is configured as a branch control input by all device resets.
It can be used as a GPIO, if not used as a branch control input.
PMT
49
60
I
I
Do not connect. Reserved for test.
CLOCK SIGNALS
XTAL1/CLKIN
35
46
I
I
PLL oscillator input pin. Crystal input to PLL/clock source input to
PLL. XTAL1/CLKIN is tied to one side of a reference crystal.
XTAL2
36
47
O
O
Crystal output. PLL oscillator output pin. XTAL2 is tied to one side of a
reference crystal. This pin goes in the high-impedance state when
EMU1/OFF is active low.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ These pins are internally pulled high. However, these pins are not pulled high in the emulation devices (’F243/’F241).
NOTE:
Bold, italicized pin names indicate pin function after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66