Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CHEMF21PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

No. de pieza CHEMF21PT
Descripción Electrónicos  Power Management (Dual Transistor)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENMKO [Chenmko Enterprise Co. Ltd.]
Página de inicio  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMF21PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHEMF21PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMF21PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMF21PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHEMF21PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHEMF21PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHDTC114E LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Characteristics of built-in transistor.
CHDTC114E CHARACTERISTICS
Note
Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
Supply voltage
50
V
VIN
Input voltage
-10
+40
V
IO
50
IC(Max.)
DC Output current
100
mA
PC
150
mW
TSTG
Storage temperature
−55
+150
OC
TJ
Junction temperature
150
OC
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIoff)
Input off voltage
IO=100uA; VCC=5.0V
0.5
V
VI(on)
Input on voltage
IO=10mA; VO=0.3V
3.0
V
V
VO(on)
Output voltage
IO=10mA; II=0.5mA
0.3
0.1
II
Input current
VI=5V
0.88
mA
IC(off)
Output current
R1
Input resistor
VI=0V; VCC=50V
G1
DC current gain
IO=5mA; VO=5.0V
0.5
30
13
7
K
R2/R1
Resistor ratio
0.8
1.2
10
1.0
uA
f T
Transition frequency
IE=-5mA, VCE=10.0V
f=100MHz
=
250
MHz
Tamb =25 °C unless otherwise speciÞed.
NOTE.1
Power dissipation
NOTE.2
2. Each terminal mounter on a recommended land.
2SA2018 CHARACTERISTICS
Tamb =25 °C unless otherwise speciÞed.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVEBO
Collector-emitter breakdown voltage
-12
V
Collector-base breakdown voltage
-15
V
V
Emitter-base breakdown voltage
Collector cut-off current
-100
nA
Emitter cut-off current
Collector-emitter saturation voltage
hFE
DC current gain
-100
270
-250
mV
Collector output capacitance
-100
6.5
f T
Transition frequency
260
MHz
-6
BVCBO
BVCEO
ICBO
IEBO
Cob
VCE(sat)
nA
680
pF
VCE=-2V,IE=10mA,f=100MHZ
VCB=-10V,IE=0mA,f=1MHZ
IC=-200mA,IB=-10mA
VCE=-2V,IC=-10mA
VCB=-15V
VEB=-6V
IE=-10uA
IC=-10uA
IC=-1mA
Note
1.Pulse test: tp
≤300uS; δ≤0.02.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com