| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE2037AIP Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2037AIP Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 35 page ![]() TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS192 – FEBRUARY 1997 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE202xY chip information This chip, when properly assembled, displays characteristics similar to the TLE202xC. Thermal compression or ultrasonic bonding may be used on the doped-aluminum bonding pads. The chip may be mounted with conductive epoxy or a gold-silicon preform. BONDING PAD ASSIGNMENTS CHIP THICKNESS: 15 MILS TYPICAL BONDING PADS: 4 × 4 MILS MINIMUM TJmax = 150°C TOLERANCES ARE ±10%. ALL DIMENSIONS ARE IN MILS. PIN (4) IS INTERNALLY CONNECTED TO BACKSIDE OF CHIP. (1) (2) (3) (4) (5) (6) (7) (8) 90 73 (1) (2) (3) (4) (6) (7) (8) + – OUT IN + IN – VCC+ VCC – OFFSET N1 OFFSET N2 (1) (3) (2) (8) (7) (4) (6) |