| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE2072ACP Datasheet(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072ACP Datasheet(HTML) 69 Page - Texas Instruments |
|
69 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 69 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION macromodel information Macromodel information provided was derived using PSpice ™ Parts™ model generation software. The Boyle macromodel (see Note 4) and subcircuit Figure 72 were generated using the TLE207x typical electrical and operating characteristics at TA = 25°C. Using this information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most cases): D Unity-gain frequency D Common-mode rejection ratio D Phase margin D DC output resistance D AC output resistance D Short-circuit output current limit D Maximum positive output voltage swing D Maximum negative output voltage swing D Slew rate D Quiescent power dissipation D Input bias current D Open-loop voltage amplification NOTE 4: G.R. Boyle, B.M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal of Solid-State Circuits, SC-9, 353 (1974). OUT + – + – + – + – + – + – + – + – .SUBCKT TLE2074 1 2 3 4 5 C1 11 12 2.2E–12 C2 6 7 10.00E–12 DC 5 53 DX DE 54 5 DX DLP 90 91 DX DLN 92 90 DX DP 4 3 DX EGND 99 0 POLY (2) (3,0) (4,0) 0 .5 .5 FB 7 99 POLY (5) VB VC VE VLP VLN 0 + 5.607E6 –6E6 6E6 6E6 –6E6 GA 6 0 11 12 333.0E–6 GCM 0 6 10 99 7.43E–9 ISS 3 10 DC 400.0E–6 HLIM 90 0 VLIM 1K J1 11 2 10 JX J2 12 1 10 JX RD1 4 11 3.003E3 RD2 4 12 3.003E3 R01 8 5 80 R02 7 99 80 RP 3 4 27.30E3 RSS 10 99 500.0E3 VB 9 0 DC 0 VC 3 53 DC 2.20 VE 54 4 DC 2.20 VLIM 7 8 DC 0 VLP 91 0 DC 45 VLN 0 92 DC 45 .MODEL DX D (IS=800.0E–18) .MODEL JX PJF (IS=15.00E–12 BETA=554.5E–6 + VTO=–.6) .ENDS VCC + RP IN – 2 IN+ 1 VCC – RD1 11 J1 J2 10 RSS ISS 3 12 RD2 VE 54 DE DP VC DC C1 53 R2 6 9 EGND VB FB C2 GCM GA VLIM 8 5 RO1 RO2 HLIM 90 DLP 91 DLN 92 VLN VLP 99 7 4 R2 6 9 100.0E3 Figure 72. Boyle Macromodel and Subcircut PSpice and Parts are trademarks of MicroSim Corporation. |