| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FT4232H Datasheet(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT4232H Datasheet(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 43 page ![]() Copyright © 2009 Future Technology Devices International Limited 2 Document No.: FT_000060 FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC Datasheet Version 2.05 Clearance No.: FTDI#78 1 Typical Applications • Single chip USB to four channels UART (RS232, RS422 or RS485) or Bit-Bang interfaces. • Single chip USB to 2 JTAG channels plus 2 UARTS. • Single chip USB to 1 JTAG channel plus 3 UARTS. • Single chip USB to 1 SPI channel plus 3 UARTS. • Single chip USB to 2 SPI channels plus 2 UARTS. • Single chip USB to 2 Bit-Bang channels plus 2 UARTS. • Single chip USB to 1 SPI channel, plus 1 JTAG channel plus 2 UARTS. • Single chip USB to 2 I 2C channels plus 2 UARTS. • Numerous combinations of 4 channels. • Upgrading Legacy Peripheral Designs to USB • Field Upgradable USB Products • Cellular and cordless phone USB data transfer cables and interfaces. • Interfacing MCU / PLD / FPGA based designs to USB • PDA to USB data transfer • USB Smart Card Readers • USB Instrumentation • USB Industrial Control • USB MP3 Player Interface • USB FLASH Card Reader / Writers • Set Top Box PC - USB interface • USB Digital Camera Interface • USB Bar Code Readers 1.1 Driver Support The FT4232H requires USB drivers (listed below) , available free from http://www.ftdichip.com, which are used to make the FT4232H appear as a virtual COM port (VCP). This allows the user to communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another FTDI USB driver, the D2XX driver, can also be used with application software to directly access the FT4232H through a DLL. Royalty free VIRTUAL COM PORT (VCP) DRIVERS for... • Windows 2000, Server 2003, Server 2008 • Windows XP and XP 64-bit • Windows Vista and Vista 64-bit • Windows XP Embedded • Windows CE 4.2, 5.0, 5.2 and 6.0 • Mac OS-X Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) • Windows 2000, Server 2003, Server 2008 • Windows XP and XP 64-bit • Windows Vista and Vista 64-bit • Windows XP Embedded • Windows CE 4.2, 5.0, 5.2 and 6.0 • Linux (2.4 or later) and Linux x86_64 For driver installation, please refer to the application note: • AN_106, “Advanced Driver Options”. The following additional installation guides and technical notes are also available: • AN_103, “FTDI Drivers Installation Guide for VISTA”. • AN_104, “FTDI Drivers Installation Guide for WindowsXP”. • AN_109, “Programming Guide for High Speed FTCI2C DLL ”. • AN_110, “Programming Guide for High Speed FTCJTAG DLL ”. • AN_111, “Programming Guide for High Speed FTCSPI DLL ”. • AN_113, “Interfacing FT2232H Hi-Speed Devices To I2C Bus”. • TN_104, “Guide to Debugging Customers Failed Driver Installation”. |