Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S12SCIV2 Datasheet(PDF) 83 Page - Motorola, Inc

No. de pieza S12SCIV2
Descripción Electrónicos  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12SCIV2 Datasheet(HTML) 83 Page - Motorola, Inc

Back Button S12SCIV2 Datasheet HTML 79Page - Motorola, Inc S12SCIV2 Datasheet HTML 80Page - Motorola, Inc S12SCIV2 Datasheet HTML 81Page - Motorola, Inc S12SCIV2 Datasheet HTML 82Page - Motorola, Inc S12SCIV2 Datasheet HTML 83Page - Motorola, Inc S12SCIV2 Datasheet HTML 84Page - Motorola, Inc S12SCIV2 Datasheet HTML 85Page - Motorola, Inc S12SCIV2 Datasheet HTML 86Page - Motorola, Inc S12SCIV2 Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
83
NOTE:
For devices assembled in 80-pin QFP packages all non-bonded out pins should be
configured as outputs after reset in order to avoid current drawn from floating
inputs. Refer to Table 2-1 for affected pins.
5.3.2 Memory
Refer to Table 1-1 for locations of the memories depending on the operating mode after reset.
The RAM array is not automatically initialized out of reset.