Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2782 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2782
Descripción Electrónicos  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2782 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2782 Datasheet HTML 1Page - KR Electronics, Inc. 2782 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 140.000 000 MHz
SPAN 22.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 35 ns
10 ns/
Cor
Smo
PRm
24 Aug 2007 13:11:34
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER 140.000 000 MHz
SPAN 200.000 000 MHz
Cor
PRm
24 Aug 2007 13:12:14
KR Electronics
KR 2782 is a 140 MHz bandpass filter. The filter has a 3 dB
bandwidth of 20 MHz and is designed for a source and load im-
pedance of 75
Ω. Other passband frequencies are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 140 MHz Center Frequency
• SMA Connectors
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2782

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
2782 KEMET-2782 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Wiha Tools
27820 WIHA-27820 Datasheet
60Kb / 1P
Screwdriver with interchangeable blade set SYSTEM 4
logo
Vishay Siliconix
27821E3 VISHAY-27821E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
logo
List of Unclassifed Man...
27823 ETC2-27823 Datasheet
171Kb / 1P
Precision ESD Safe TORX Drivers
logo
PHOENIX CONTACT
2782300 PHOENIX-2782300 Datasheet
178Kb / 5P
Surge protection device - C-UFB- 5DC/E
12/24/2021
More results

Descripción similar - 2782

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com