Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2775 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2775
Descripción Electrónicos  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2775 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2775 Datasheet HTML 1Page - KR Electronics, Inc. 2775 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
delay
200 ns/
REF 0 s
Cor
PRm
CH2
S 21
log MAG
REF 0 dB
1 dB/
START
2.000 000 MHz
STOP 10.000 000 MHz
Cor
PRm
6 Jul 2007 15:45:56
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.100 000 MHz
STOP 100.000 000 MHz
Cor
Avg
16
PRm
6 Jul 2007 15:43:47
KR Electronics
KR 2775 is a 6 MHz bandpass filter. The filter has a minimum
3 dB bandwidth of 8 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 6 MHz Bandpass
• Sharp Transition to Stopband
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2775

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIHON DEMPA KOGYO
2775 NDK-2775 Datasheet
90Kb / 1P
Crystal Clock Oscillator
logo
Heyco.
2775 HEYCO-2775 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Adafruit Industries
2775 ADAFRUIT-2775 Datasheet
80Kb / 1P
Mini HDMI to HDMI Cable - 5 feet
4-10-17
logo
PHOENIX CONTACT
2775016 PHOENIX-2775016 Datasheet
142Kb / 7P
UDK 4
2775029 PHOENIX-2775029 Datasheet
141Kb / 5P
UDK 4-ULA/EK
More results

Descripción similar - 2775

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com