Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2758 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2758
Descripción Electrónicos  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2758 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2758 Datasheet HTML 1Page - KR Electronics, Inc. 2758 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 27 ns
1 ns/
START
.100 000 MHz
STOP 19.000 000 MHz
Cor
Avg
16
Smo
PRm
5 Feb 2007 11:50:04
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
.100 000 MHz
STOP 100.000 000 MHz
Cor
PRm
5 Feb 2007 11:47:37
KR Electronics
KR 2758 is a 12 MHz modified bessel lowpass filter. The filter
has constant delay and good transient characteristics. The 3 dB
bandwidth is 12 MHz and the filter is designed for 50
Ω source
and load impedance. Other passband frequencies, bandwidths
and impedances are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 12 MHz modified Bessel
• Constant delay and linear phase
• Good transient characteristics
• 50 Ω
• DIP Package
Typical Performance
www.krfilters.com
Amplitude & Group Delay
(1 dB/div & 1 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2758

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2758473 PHOENIX-2758473 Datasheet
56Kb / 2P
Connector set - IBS DSUB 9/L
logo
Wiha Tools
27589 WIHA-27589 Datasheet
2Mb / 4P
PicoFinish® Precision Screwdrivers
More results

Descripción similar - 2758

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com