Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2740 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2740
Descripción Electrónicos  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2740 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2740 Datasheet HTML 1Page - KR Electronics, Inc. 2740 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START
.100 000 MHz
STOP 44.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
Cor
PRm
31 Oct 2006 17:32:08
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.100 000 MHz
STOP 120.000 000 MHz
Cor
PRm
31 Oct 2006 17:26:50
KR Electronics
KR 2740 is a 44 MHz lowpass filter. The passband is flat
within 0.5 dB to 44 MHz. Stopband attenuation is 60 dB by
60 MHz. Other frequencies are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
• 44 MHz Lowpass
• 60 dB Stopband by 60 MHz
• Surface Mount
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2740

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2740 HEYCO-2740 Datasheet
105Kb / 1P
Dome Plugs
logo
Adafruit Industries
2740 ADAFRUIT-2740 Datasheet
80Kb / 2P
Mini Hand from Hobby Creek with Two Arms
6-8-17
logo
Kemet Corporation
2740 KEMET-2740 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
XFMRS Inc.
2740-0084X XFMRS-2740-0084X Datasheet
46Kb / 1P
ADSL TRANSFORMER
2740-0084X XFMRS-2740-0084X Datasheet
46Kb / 1P
ADSL TRANSFORMER
More results

Descripción similar - 2740

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com