Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2603 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2603
Descripción Electrónicos  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2603 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2603 Datasheet HTML 1Page - KR Electronics, Inc. 2603 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
CH1
S21
LOG
1 dB/
REF 0 dB
Cor
CH3
S21
DEL
10 ns/
REF 76.44 ns
CENTER
60 . 000
000
MHz
SPAN
10 . 000
000
MHz
Cor
Smo
28 May 2005 14:16:07
CH1
S21
LOG
10 dB/
REF 0 dB
CENTER
60 . 050
000
MHz
SPAN
119 . 900
000
MHz
Cor
Avg
16
28 May 2005 14:12:50
KR 2603 Bandpass Filter
KR 2603 is a 60 MHz surface mount bandpass filter. Other cen-
ter frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
• Surface Mount Package
• Sharp Transition to Stopband
• >60 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2603 HEYCO-2603 Datasheet
105Kb / 1P
Dome Plugs
logo
Wiha Tools
26030 WIHA-26030 Datasheet
3Mb / 1P
Wiha Precision Slotted/Phillips Drivers
26030 WIHA-26030 Datasheet
413Kb / 1P
SCREWDRIVERS AND NUT DRIVERS
logo
Wurth Elektronik GmbH &...
2603011021000 WURTH-2603011021000 Datasheet
437Kb / 6P
WIRL-PRO2 Radio module 2.4 GHz with chip antenna
002.000
2603011121000 WURTH-2603011121000 Datasheet
462Kb / 6P
WIRL-PRO2 Radio module 2.4 GHz with RF pad
001.023
More results

Descripción similar - 2603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com