Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2583 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2583
Descripción Electrónicos  Highpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2583 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2583 Datasheet HTML 1Page - KR Electronics, Inc. 2583 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
CH2
S 21
log MAG
REF 0 dB
1 dB/
CH2 START 124.000 000 MHz
STOP 250.000 000 MHz
Cor
PRm
4 Jan 2005 11:46:43
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START 20.000 000 MHz
STOP 250.000 000 MHz
Cor
Avg
16
PRm
4 Jan 2005 11:46:08
KR Electronics 2583
KR 2583 is a 125 MHz highpass filter. The filter has a
3 dB bandwidth of 125 MHz and is designed for 50
Ω source
and load impedance. Other and bandwidths are available. Also
available in a surface mount package. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 125 MHz Highpass
• 50 Ω
• SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2583

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adels-Contact
258301 ADELS-258301 Datasheet
143Kb / 1P
TC 2523 Si 20 grey
logo
Weidmuller
2583350000 WEIDMULLER-2583350000 Datasheet
213Kb / 2P
CABTITE BSE SML GY
2583350000 WEIDMULLER-2583350000 Datasheet
3Mb / 8P
Cabtite – The modular cable entry system for pre-assembled cables and cables with and without plugs
12/18
2583360000 WEIDMULLER-2583360000 Datasheet
213Kb / 2P
CABTITE SE 1.5-2 SML GY
2583360000 WEIDMULLER-2583360000 Datasheet
3Mb / 8P
Cabtite – The modular cable entry system for pre-assembled cables and cables with and without plugs
12/18
More results

Descripción similar - 2583

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2290-35-SMA KR-2290-35-SMA Datasheet
47Kb / 2P
Highpass Filter
2315 KR-2315 Datasheet
16Kb / 1P
Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
Highpass Filter
2432-30-SMA KR-2432-30-SMA Datasheet
47Kb / 2P
Highpass Filter
2432-50 KR-2432-50 Datasheet
399Kb / 2P
Highpass Filter
2432-90 KR-2432-90 Datasheet
184Kb / 2P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com