| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
482 Datasheet(PDF) 1 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
482 Datasheet(HTML) 1 Page - Mallory performance club |
|
1 / 2 page ![]() 1 ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT PROCEDURE TYPE 482, 590, 790 AND 791 DISTRIBUTORS INSTALLATION INSTRUCTIONS FORM 1316 (REV. C) 06/03 GENERAL INFORMATION Adjustable flange distributors allow you to raise or lower the distributor by moving the flange down or up the distributor shank so that the distributor drive gear engages properly with the camshaft gear. Adjustment is necessary anytime the engine block deck height is changed, cylinder heads have been machined or offset, or any intake manifold modifications. Types 482, 590, 790 and 791 mentioned in this writing are derived from the particular distributor’s part number (example: 3448205; 3479005). Type 482’s shallow groove on the upper shank of the distributor is the stock flange height reference for 265-454 Chevrolet engines (figure 1). Type 790’s and 791’s have two shallow grooves. The lower shallow groove on the upper shank of the distributor is the stock flange height reference for Chevrolet V8 265-454 engines. The upper groove on the upper shank of the distri- butor is the stock flange height reference for Chevrolet V8 Tall/Truck Block engines (figure 2). Align the bottom of the flange with the shallow groove and tighten the flange screw to position the flange at a stock flange height reference. Tighten the set screws. Step 1 Disconnect your ignition system. Turn the engine crankshaft in the direction of rotation until the timing mark lines up with the top dead center (TDC) mark on the timing tab and #1 cylinder is on its compression stroke. NOTE: Removing the spark plugs may make it easier to turn the crankshaft. Step 2 Remove the distributor cap. Step 3 Loosen the flange and set screws. Slide the flange up the upper shank. MALLORY TECHNICAL SUPPORT (775) 882-6600 www.mrgasket.com FIGURE 1 FIGURE 2 TYPE 590, TYPE 790, AND TYPE 791 |
Número de pieza similar - 482 |
|
Descripción similar - 482 |