Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2532 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2532
Descripción Electrónicos  Low cost video filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2532 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2532 Datasheet HTML 1Page - KR Electronics, Inc. 2532 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S 21
log MAG
.2 dB/
REF -.7 dB
START
.100 000 MHz
STOP 30.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 50 ns
3 ns/
Cor
Smo
PRm
3 Mar 2004 13:26:40
1
2
CH1
S 21
log MAG
5 dB/
REF 0 dB
START
.100 000 MHz
STOP 100.000 000 MHz
Cor
PRm
3 Mar 2004 13:28:55
KR Electronics 2532
KR 2532 is a 30 MHz low cost video filter with near SMPTE
274M performance. Other bandwidths available. Please consult
the factory. For filter with Sin(x)/x compensation see KR 2382.
General Description
KR Electronics, Inc.
Features
• SIP Package
• Sharp Transition to Stopband
• Near SMPTE 274M
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.2 dB/div and 3nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Número de pieza similar - 2532

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
2532 PULSE-2532 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2532 HEYCO-2532 Datasheet
91Kb / 1P
Feets of Strength
logo
Lumberg
253201 LUMBERG-253201 Datasheet
481Kb / 3P
Modular connectors
logo
Integrated Technology F...
253201B ITF-253201B Datasheet
164Kb / 2P
125.0 MHz SAW Filter
logo
Weidmuller
2532160000 WEIDMULLER-2532160000 Datasheet
574Kb / 5P
SL 5.08HC/05/90LF 3.2AU BK BX
More results

Descripción similar - 2532

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV601 AD-ADV601 Datasheet
606Kb / 52P
Low Cost Multiformat Video Codec
REV.0
logo
Linear Technology
LT1252 LINER-LT1252 Datasheet
221Kb / 8P
Low Cost Video Amplifier
logo
STMicroelectronics
TSH103 STMICROELECTRONICS-TSH103 Datasheet
139Kb / 10P
Low cost triple video buffer/filter for standard video
19-Sep-2007
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
logo
STMicroelectronics
STV6419 STMICROELECTRONICS-STV6419 Datasheet
101Kb / 4P
Low-cost audio/video switch and 4-channel SD video filter
06-Oct-2011
logo
Analog Devices
ADV601JS12 AD-ADV601JS12 Datasheet
440Kb / 52P
Low Cost Multiformat Video Codec
REV. 0
logo
Linear Technology
LT1252 LINER-LT1252_15 Datasheet
201Kb / 8P
Low Cost Video Amplifier
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com