Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2513 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2513
Descripción Electrónicos  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2513 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2513 Datasheet HTML 1Page - KR Electronics, Inc. 2513 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S21
LOG
1 dB/
REF 0 dB
START
. 100
000
MHz
STOP
100 . 000
000
MHz
Cor
CH2
S21
DEL
1 ns/
REF 17 ns
Cor
Smo
30 Oct 2003 14:28:32
Passband Amplitude & Group Delay
(1 dB/div & 1 nsec/div) to 100 MHz
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
500 . 000
000
MHz
Cor
30 Oct 2003 14:30:59
KR Electronics 2513 Lowpass Filter
KR 2513 is a 88 MHz lowpass filter. The filter is group delay
equalized and amplitude equalized. Please consult the factory
for other passband or sampling frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 88 MHz passband
• Sharp transition
• 50 Ω
• SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div 100 KHz to 500 MHz)


Número de pieza similar - 2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2513 HEYCO-2513 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Christian Bürkert GmbH ...
2513 BURKERT-2513 Datasheet
511Kb / 6P
Cable plug acc. to DIN EN 175301 - 803 Form A
20.09.2021
2513 BURKERT-2513 Datasheet
1Mb / 14P
3/2 way solenoid valve for pneumatic applica-tions
15.02.2022
2513 BURKERT-2513 Datasheet
1Mb / 14P
4/2 way solenoid valve for pneumatic applica-tions
15.02.2022
2513 BURKERT-2513 Datasheet
1Mb / 11P
4/2 way Solenoid Valve for pneumatics
20.11.2019
More results

Descripción similar - 2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com