Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2512 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2512
Descripción Electrónicos  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2512 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2512 Datasheet HTML 1Page - KR Electronics, Inc. 2512 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
KR 2512 Lowpass Filter
KR 2512 is a 4.2 MHz lowpass filter with Sin(x)/x compensa-
tion. Other passband frequencies are available. Please consult
the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Sin(x)/x compensation
• High stopband loss
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S31
LOG
.1 dB/
REF -.4 dB
START
. 100
000
MHz
STOP
4 . 200
000
MHz
Cor
CH2
S31
DEL
5 ns/
REF 60 ns
Cor
Avg
50
Smo
10 Oct 2003 12:19:51
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
50 . 000
000
MHz
Cor
Avg
16
10 Oct 2003 12:22:25
Passband Amplitude & Group Delay
(0.1 dB/div and 5 nsec/div to 4.2 MHz)
Overall Response
(10 dB/div to 50 MHz)


Número de pieza similar - 2512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2512 MACOM-2512 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
M/A-COM Technology Solu...
2512 MA-COM-2512 Datasheet
131Kb / 3P
Type CRG Series
logo
Pulse A Technitrol Comp...
2512 PULSE-2512 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
List of Unclassifed Man...
2512 ETC2-2512 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
2512 ETC-2512 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
More results

Descripción similar - 2512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com