Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2494 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2494
Descripción Electrónicos  Linear Phase Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2494 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2494 Datasheet HTML 1Page - KR Electronics, Inc. 2494 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
10 . 000
000
MHz
Cor
CH2
S31
DEL
5 ns/
REF 100 ns
Cor
Smo
2 Oct 2003 10:22:13
Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Cor
Avg
16
2 Oct 2003 10:32:59
KR 2494 Linear Phase Bandpass Filter
KR 2494 is a 9 pole linear phase bandpass filter. The center
frequency is 70 MHz and the approximate 3 dB bandwidth is
approx 9 MHz. Please consult the factory for other frequen-
cies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 70 MHz center frequency
• Linear Phase
• 50 Ω
• SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2494

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2494 ETC-2494 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Heyco.
2494 HEYCO-2494 Datasheet
133Kb / 1P
Double D Hole Plugs
2494 HEYCO-2494 Datasheet
111Kb / 1P
Strain Relief Mounting Hole Plugs
logo
KR Electronics, Inc.
2494-1 KR-2494-1 Datasheet
371Kb / 2P
Linear Phase Bandpass Filter
logo
Weidmuller
2494040000 WEIDMULLER-2494040000 Datasheet
415Kb / 7P
BLZP 5.08HC/06/180 SN BK BX PRT
More results

Descripción similar - 2494

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
Linear Phase, 8th Order Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
Linear Phase Lowpass Filter
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
Linear Phase Lowpass Filter
2456 KR-2456 Datasheet
25Kb / 2P
Linear Phase Bandpass Filter
2494-1 KR-2494-1 Datasheet
371Kb / 2P
Linear Phase Bandpass Filter
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
Linear Phase 8th Order Lowpass Filter
logo
KR Electronics, Inc.
3207 KR-3207 Datasheet
126Kb / 3P
7 MHz Linear Phase Bandpass
3207-SMA KR-3207-SMA Datasheet
101Kb / 3P
7 MHz Linear Phase Bandpass
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com