Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HEMG75 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

No. de pieza HEMG75
Descripción Electrónicos  AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 70 WATTS GREEN POWER SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITRON [HITRON ELECTRONICS CORPORTION]
Página de inicio  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HEMG75 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HEMG75 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HEMG75 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
2007/10/05
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 373.0g (13.2 Oz.)
SINGLE OUTPUT
MODEL NO.
AC PLUG
O/P VOLTAGE
O/P CURRENT
HEMG75-120530-7
DT7
12.0Vdc
5.3A
HEMG75-150470-7
DT7
15.0Vdc
4.7A
HEMG75-180400-7
DT7
18.0Vdc
4.0A
HEMG75-240280-7
DT7
24.0Vdc
2.8A
HEMG75-300240-7
DT7
30.0Vdc
2.4A
HEMG75-480150-7
DT7
48.0Vdc
1.5A



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com