Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2428 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2428
Descripción Electrónicos  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2428 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2428 Datasheet HTML 1Page - KR Electronics, Inc. 2428 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2001, KR Electronics, Inc.
KR 2428 Lowpass Filter
KR 2428 is a very low cost small SIP lowpass filters. Other
cutoff frequencies can be specified.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Very Low Cost
• Small SIP Package
Typical Performance
www.krfilters.com
Figure 1
Passband Response & Group Delay fc=15 MHz
(0.5 dB/div & 10 nsec/div) 30 KHz to 15 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response fc=15 MHz
(10 dB/div) 100 KHz to 100 MHz
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START
.030 000 MHz
STOP 15.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
Cor
Smo
PRm
29 Apr 2002 10:36:58
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 100.000 000 MHz
*
Cor
PRm
29 Apr 2002 10:40:04


Número de pieza similar - 2428

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
2428 FRONTIER-2428 Datasheet
48Kb / 1P
Insert Molded Coil
logo
Pomona Electronics
2428 POMONA-2428 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
logo
Yantel Corporation
2428 YANTEL-2428 Datasheet
76Kb / 2P
Variable RF Inductor
logo
Heyco.
2428 HEYCO-2428 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Adafruit Industries
2428 ADAFRUIT-2428 Datasheet
559Kb / 2P
Pogo Pins "Cupped Head" (10 pack) - P75- A2
7-21-17
More results

Descripción similar - 2428

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com