Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2406 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2406
Descripción Electrónicos  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2406 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2406 Datasheet HTML 1Page - KR Electronics, Inc. 2406 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2001, KR Electronics, Inc.
KR 2406 Video Filter
KR 2406 is a 4.24 MHz video lowpass filter with group delay
equalization. Other frequencies are available. Please consult
the factory.
General Description
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc....
Features
Features
Features
Features
• 4.24 MHz passband frequency
• Elliptic filter response
• Group delay equalization
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Figure 1
Amplitude & Group Delay
(0.1 dB/div & 10 nsec/div) 0.1 MHz to 4.5 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div) 0.1 MHz to 20 MHz
CH1
MEM
LOG
.1 dB/
REF -1.3 dB
Cor
PRm
CH2
MEM
DEL
10 ns/
REF 740 ns
START
. 100
000
MHz
STOP
4 . 500
000
MHz
Cor
Smo
PRm
31 Aug 2001 09:35:58
1
2
2 : . 00520
dB
4 . 140
000
MHz
1
2
1 : 737 . 15
ns
. 411
960
MHz
CH1
S31
&M
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
20 . 000
000
MHz
Cor
PRm
31 Aug 2001 09:39:44
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz


Número de pieza similar - 2406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2406 ETC2-2406 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2406 HEYCO-2406 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
2406 HEYCO-2406 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2406 ASSUN-2406 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
2406 ASSUN-2406 Datasheet
264Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2020
More results

Descripción similar - 2406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com