Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S12CPUV2 Datasheet(PDF) 57 Page - Motorola, Inc

No. de pieza S12CPUV2
Descripción Electrónicos  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 57 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 53Page - Motorola, Inc S12CPUV2 Datasheet HTML 54Page - Motorola, Inc S12CPUV2 Datasheet HTML 55Page - Motorola, Inc S12CPUV2 Datasheet HTML 56Page - Motorola, Inc S12CPUV2 Datasheet HTML 57Page - Motorola, Inc S12CPUV2 Datasheet HTML 58Page - Motorola, Inc S12CPUV2 Datasheet HTML 59Page - Motorola, Inc S12CPUV2 Datasheet HTML 60Page - Motorola, Inc S12CPUV2 Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
57
Section 2 Signal Description
This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal
properties, and detailed discussion of signals. It is built from the signal description sections of the Block
User Guides of the individual IP blocks on the device.
2.1 Device Pinout
The MC9S12DT128 and its derivatives are available in a 112-pin low profile quad flat pack (LQFP) and
in a 80-pin quad flat pack (QFP). Most pins perform two or more functions, as described in the Signal
Descriptions. Figure 2-1, Figure 2-2, and Figure 2-3 show the pin assignments for different packages.