Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2388 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2388
Descripción Electrónicos  Root Raised Cosine Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2388 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2388 Datasheet HTML 1Page - KR Electronics, Inc. 2388 Datasheet HTML 2Page - KR Electronics, Inc. 2388 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2001, KR Electronics, Inc.
KR 2388 Root Raised Cosine Filter
KR Electronics designs and manufactures filters that approxi-
mate the raised cosine response. These filters are available as
both the cosine response and the root cosine response. Sym-
bol rates to 75 MHz have been designed. They are also avail-
able with and without sin(x)/x compensation. Various roll off
factors alpha (
α) are also available. Typical values for α fall
in the 0.3 to 0.5 range.
KR’s filters closely match the mathematical ideal response to
the –12 dB frequency and are most often designed for linear phase to the –3 dB response. Phase matching in
pairs is also commonly specified. KR 2388 is a root raised cosine filter without sin(x)/x compensation,
Fs=2 MHz and
α=0.35. The typical response of KR 2388 root raised cosine is shown in the plots below.
General Description
KR Electronics, Inc.
Features
• Root raised cosine response
• Closely matches the ideal response
• Sin(x)/x available
• Equalized for linear phase
• Supplied in phase matched pairs
Typical Performance
CH1
MEM
LOG
5 dB/
REF 0 dB
START
. 100
000
MHz
STOP
1 . 500
000
MHz
Cor
PRm
18 Jan 2001 09:47:08
CH1
S31
LOG
5 dB/
REF -.75 dB
START
. 100
000
MHz
STOP
1 . 500
000
MHz
Cor
PRm
18 Jan 2001 09:47:33
Figure 1
Figure 2
Ideal Response
(5 dB/div) 0.1 to 1.5 MHz
Actual Filter Response
(5 dB/div) 0.1 to 1.5 MHz
Figure 1 shows the ideal response, while Figures 2-6 show actual measured data from a typical filter.
www.krfilters.com


Número de pieza similar - 2388

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2388 HEYCO-2388 Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
Keystone Electronics Co...
2388 KEYSTONE-2388 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
TE Connectivity Ltd
2388970-1 TEC-2388970-1 Datasheet
345Kb / 8P
SDE-SA Commercial Hand Tool Assembly
More results

Descripción similar - 2388

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aeroflex Circuit Techno...
PSC-4536-4 AEROFLEX-PSC-4536-4 Datasheet
93Kb / 2P
SURFACE MOUNT 70 MHZ SQUARE ROOT RAISED COSINE FILTER WITH .160 INCH HEIGHT
logo
Digital Core Design
DFPSQRT DCD-DFPSQRT Datasheet
128Kb / 3P
Floating Point Pipelined Square Root Unit
logo
Fuji Electric
EDS9-4E FUJI-EDS9-4E Datasheet
140Kb / 3P
FC SERIES ROOT EXTRACTOR
logo
Japan Aviation Electron...
SJ030619 JAE-SJ030619 Datasheet
127Kb / 1P
NUBER OF CONTACTS APPEARS IN RAISED LETTERS
logo
Grayhill, Inc
76SC02ST GRAYHILL-76SC02ST Datasheet
228Kb / 2P
Raised and Recessed Rocker
76PSB06S GRAYHILL-76PSB06S Datasheet
430Kb / 2P
Raised and Recessed, Rocker
76SB02ST GRAYHILL-76SB02ST Datasheet
430Kb / 2P
Raised and Recessed, Rocker
76PSB08 GRAYHILL-76PSB08 Datasheet
430Kb / 2P
Raised and Recessed, Rocker
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
Logarithmic Root Mean Square Response
logo
Coilcraft lnc.
XAR7030 COILCRAFT-XAR7030 Datasheet
215Kb / 4P
Raised Power Inductors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com