Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2376 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2376
Descripción Electrónicos  Active Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2376 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2376 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Active
Lowpass
Filter
KR Model
2376
KR Electronics
91 Avenel Street
Avenel, NJ 07001
Phone: (732) 636-1900
Fax: (732) 636-1982
KR Part Number
2376
Filter Type
60 Hz Active Lowpass Filter
Approximate -3 dB Frequency
60 Hz
Attenuation at 180 Hz and above
>40 dB
Gain
10 dB ± 0.1 dB
Supply Voltage
± 15 V
Supply Current
10 mA max
Operating Temperature
0° C to 70° C
Storage Temperature
0° C to 70° C
Epoxy Package
All Dimensions inches
KR Model 2376 is easily customized for different cutoff frequencies and gain.
Contact sales with your requirement.
Specifications
Outline Drawing


Número de pieza similar - 2376

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
2376 TI-2376 Datasheet
670Kb / 23P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
KR Electronics, Inc.
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
Active Lowpass Filter
logo
Festo Corporation.
2376018 FESTO-2376018 Datasheet
72Kb / 2P
Connecting cable
2376019 FESTO-2376019 Datasheet
72Kb / 2P
Connecting cable
2376020 FESTO-2376020 Datasheet
72Kb / 2P
Connecting cable
More results

Descripción similar - 2376

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
Active Lowpass Filter
2216 KR-2216 Datasheet
31Kb / 1P
Active Lowpass Filter
2321 KR-2321 Datasheet
28Kb / 1P
Active Lowpass Filter
2360 KR-2360 Datasheet
23Kb / 1P
Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
Active Lowpass Filter
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
Active Lowpass Filter
logo
Linear Technology
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com