Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2355 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2355
Descripción Electrónicos  Active Notch Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2355 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2355 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1
© 2001, KR Electronics, Inc.
KR Series 2355 Notch Filter
KR Series 2355 are active notch filters. Notch frequencies
from 60 Hz to 1000 Hz can be specified. The 3 dB band-
widths can range from 12% of the notch frequency and up.
General Description
KR Electronics, Inc.
Features
• Active notch filter
• Available frequency range 60 Hz to
1 KHz
• No adjustments necessary
Typical Performance
www.krfilters.com
Figure 1
Typical Response for 60 Hz Notch
(10 dB/div) DC to 120 Hz
DC
120 Hz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Número de pieza similar - 2355

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2355 HEYCO-2355 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Abbatron All Rights Res...
2355 ABBATRON-2355 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
KR Electronics, Inc.
2355-120 KR-2355-120 Datasheet
16Kb / 1P
Active Notch Filter
2355-20 KR-2355-20 Datasheet
101Kb / 3P
20 Hz Active notch filter
2355-240 KR-2355-240 Datasheet
81Kb / 2P
240 Hz Active notch filter No adjustments necessary
More results

Descripción similar - 2355

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2355-120 KR-2355-120 Datasheet
16Kb / 1P
Active Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2355-240 KR-2355-240 Datasheet
81Kb / 2P
240 Hz Active notch filter No adjustments necessary
2355-400 KR-2355-400 Datasheet
101Kb / 2P
400 Hz Active notch filter No adjustments necessary
2355-50-BNC KR-2355-50-BNC Datasheet
41Kb / 2P
50 Hz Active notch filter
2355-BNC KR-2355-BNC Datasheet
43Kb / 2P
60 Hz Active notch filter
3099 KR-3099 Datasheet
60Kb / 3P
875 Hz Active Notch Filter
3122 KR-3122 Datasheet
70Kb / 3P
6 Channel 60 Hz Active notch filter
2355-20 KR-2355-20 Datasheet
101Kb / 3P
20 Hz Active notch filter
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com