Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2163 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2163
Descripción Electrónicos  Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2163 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2163 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bandpass
Filter
KR Model 2163
0.5 dB/div
10.7 MHz
11.3 MHz
6 MHz
16 MHz
10 dB/DIV
KR Part Number
2163
Filter Type
Bandpass
Insertion Loss
< 4 dB
Center Frequency
10.99 MHz
1 dB Passband Frequencies
10.69 MHz to 11.29 MHz
Lower 40 dB Frequency
9.79 MHz
Upper 40 dB Frequency
12.19 MHz
Source & Load Impedance
50
Ω
KR Model 2163 is a
high performance
elliptic bandpass
filter. Other center
frequencies are
available.
Terminals 0.03” diameter
Metal Case (5 sides)
Specifications
Passband Amplitude
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Número de pieza similar - 2163

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Wire
2163 ALPHAWIRE-2163 Datasheet
96Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2163 HEYCO-2163 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2163 ADAFRUIT-2163 Datasheet
167Kb / 2P
Atten 50-Watt Soldering Iron - SA-50
logo
Multicomp Pro
2163 MULTICOMP-2163 Datasheet
161Kb / 1P
AC Multi-Function Module
13/01/15 V1.0
logo
Molex Electronics Ltd.
2163-P MOLEX1-2163-P Datasheet
162Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 4 Circuits, Dual Row
More results

Descripción similar - 2163

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com