Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

24PC0070D5CS Datasheet(PDF) 2 Page - Sensortechnics GmbH

No. de pieza 24PC0070D5CS
Descripción Electrónicos  Pressure sensors with special fittings and sealings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSORTECHNICS [Sensortechnics GmbH]
Página de inicio  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0070D5CS Datasheet(HTML) 2 Page - Sensortechnics GmbH

  24PC0070D5CS Datasheet HTML 1Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 2Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 3Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 4Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 5Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 6Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 7Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 8Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
2/12
May 2008 / 593
www.sensortechnics.com
OUTLINE DRAWINGS
FOR GAGE DEVICES
2xPCxxxxG
6Bx
(Barbed, pinning 1 x 4)
mass: 2 g
dimensions in mm
P2
12,7
2,29
4x0,5
3x2,54
1,27
4x1,02
Notch
Pin 1
Ø4,1
Ø3,2
Ø4,7
4x0,41
7,9
2xPCxxxxG
2Bx
(Barbed, pinning 2 x 2)
mass: 2 g
dimensions in mm
Ø3,2
Ø4,7
4x0,41
8,4
7,9
1
2
3
4
12,7
4 x
1,02
2,54
4x0,5
5,08
Notch
Pin 1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12