Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HER501 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza HER501
Descripción Electrónicos  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HER501 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  HER501 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HER501 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 05/08/2005 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
HER501~HER508
HIGH EFFICIENCY RECTIFIERS
Voltage Range – 50 to 1000 Volts
Current – 5.0 Ampere
Features
• Low power loss, high efficiency
• Low leakage
• Low forward voltage drop
• High current capability
• High speed switching
• High reliability
• High current surge
Mechanical Data
• Case: DO-201AD, moulded plastic
• Terminals: MIL-STD-202E, method 208C guaranteed
• Polarity: Colored band denotes cathode end
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load, for capacitive load, derate current by 20%.
Symbols
HER
501
HER
502
HER
503
HER
504
HER
505
HER
506
HER
507
HER
508
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100 200
300
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TA = 50
OC
I(AV)
5.0
A
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage at 5.0A
VF
1.0
1.3
1.7
V
Maximum Reverse Current at TJ = 25
OC
at Rated DC Blocking Voltage TJ = 100
OC
IR
10
750
uA
Maximum Reverse Recovery Time (note1)
Trr
50
75
nS
Typical Junction Capacitance(note2)
CJ
70
50
pF
Typical Thermall Resistance (note3)
RΘJA
20
/W
Operating Junction Temperature
Tj
-55 to +150
Storage Temperature Range
Ts
-55 to +150
Notes: 1.Reverse recovery test conditions: IF = 0.5A, IR = -1.0A, Irr = -0.25A
2.Measured at 1.0MHz and applied reverse voltage of 4.0V
3.Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length P.C.B. mounted.


Número de pieza similar - HER501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
HER501 MOSPEC-HER501 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Rectron Semiconductor
HER501 RECTRON-HER501 Datasheet
30Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Ampere)
logo
Jinan Gude Electronic D...
HER501 JGD-HER501 Datasheet
169Kb / 2P
5.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER501 BYTES-HER501 Datasheet
154Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER501 DCCOM-HER501 Datasheet
450Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Descripción similar - HER501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com