Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS23ASA Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

No. de pieza MS23ASA
Descripción Electrónicos  Miniature Slides
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Página de inicio  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS23ASA Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS23ASA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS23ASA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS23ASA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS23ASA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS23ASA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS23ASA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS23ASA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
6A @ 125V AC or 3A @ 250V AC
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Logic/Power Level (code A):
Combines W & G ratings
Note: Find additional explanation of dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
25,000 operations minimum for silver; 50,000 operations minimum for gold
Contact Timing:
Nonshorting (break-before-make)
Total Travel:
On-None-On circuit .087” (2.2mm); all other circuits .138” (3.5mm)
Materials & Finishes
Actuator:
Glass fiber reinforced polyester
Frame:
Stainless steel for panel & PCB mount; phosphor bronze with tin plating for bracket mount
Dust Cover:
Phosphor bronze with nickel plating
Case:
Glass fiber reinforced diallyl phthalate resin (UL94V-0)
Movable Contacts:
Silver alloy (code W); copper with gold plating (code G);
or silver alloy with gold plating (code A)
Stationary Contacts:
Silver capped copper with silver plating (code W); copper with gold plating (code G);
or silver alloy with gold plating (code A)
Terminals:
Copper or brass with silver or gold plating
Environmental Data
Operating Temp Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Processing
Soldering:
Wave Soldering recommended (PC Mount). See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 rated case
UL Recognized:
All Single & Double Pole Double Throw models recognized at 6A @ 125V AC & 3A @ 250V AC;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch.
C-UL Recognized:
All Single & Double Pole Double Throw models recognized at 6A @ 125V AC & 3A @ 250V AC;
UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
All Double Throw & 3 Throw models certified at 6A @ 125V AC, 3A @ 250V AC, &
0.4VA maximum @ 28V DC; CSA File No. 023535-0-000; add “/C” to end of part number
to order CSA mark on switch.
R



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com