Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML74UL32 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

No. de pieza ML74UL32
Descripción Electrónicos  2-input OR Gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINILOGIC [Minilogic Device Corporation Limited]
Página de inicio  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74UL32 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML74UL32 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74UL32 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74UL32 Datasheet HTML 3Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B, Sep 2005
COMS 2-Input OR Gate
High Speed Operation
: tpd = 3.8ns TYP
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption : 1µ
µ
µ
µA (max)
■Applications
Palmtops
Digital Equipment
General Description
The ML74UL32MRG is a 2-input CMOS OR gate, manufactured
using silicon gate CMOS fabrication.
CMOS low power circuit operation makes high speed LS-TTL
operations achievable.
With a wave forming buffer connected internally, stabilized output
can be achieved as the circuit offers high noise immunity.
AS the ML74UL32 is integrated into mini molded, SOT-23-5
package, high density mounting possible.
Features
High Speed Operation
: tpd = 3.8ns TYP
Operating Voltage Range: 2V ~ 5.5V
Low Power Consumption: 1µA (max)
Ultra Small Package
: SOT-23-5
Pin Configuration
SOT-23-5 (TOP VIEW)
Function
INPUT
OUTPUT
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H
H=High level, L=Low level
Absolute Maximum Ratings
Ta=-40°C~85°C
PARAMETER
SYMBOL
RATINGS
UNITS
Power Supply Voltage
Vcc
-0.5 ~ +6.0
V
Input voltage
VIN
-0.5 ~ +6.0
V
Output Voltage
VOUT
-0.5 ~ Vcc +0.5
V
Input Diode Current
IIK
±20
mA
Output Diode current
IOK
±20
mA
Output Current
IOUT
±25
mA
Vcc, GND Current
ICC, IGND
±50
mA
Continuous Total
Power Dissipation (Ta=55°C)
Pd
150
mW
Storage Temperature
Tstg
-65 ~ +150
°C
Note: Voltage is all Ground standardized.


Número de pieza similar - ML74UL32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
Buffer
More results

Descripción similar - ML74UL32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com