| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2W06 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
2W06 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
2 / 2 page ![]() Any changing of specification will not be informed individual 2W005 THRU 2W10 VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers 0.1 1.0 .01 10 50 RATING AND CHARACTERISTIC CURVES (2W005 THRU 2W10) FIG.4-TYPICAL REVERSE CHARACTERISTICS FIG.1-TYPICAL FORWARD CURRENT FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 0.4 0.8 1.2 1.6 2.0 2.4 0 40 20 60 100 80 3.0 Single Phase Half Wave 60Hz Resistive Or Inductive Load DERATING CURVE 0.1 1.0 .01 10 50 FIG.3-TYPICAL FORWARD CHARACTERISTICS FORWARD VOLTAGE,(V) Pulse Width 300us 1% Duty Cycle 0 .2 .4 .6 .8 1.0 1.2 1.4 3.0 Tj=25 C Tj=25 C NUMBER OF CYCLES AT 60Hz 1 10 5 50 100 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 0 25 50 75 100 125 150 175 CASE TEMPERATURE,( C) 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 0 http://www.SeCoSGmbH.com Elektronische Bauelemente 01-Jun-2002 Rev. A Page 2 of 2 |