| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
102MWR152KB Datasheet(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
102MWR152KB Datasheet(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 4 page ![]() 3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com 153 ® PHYSICAL DIMENSIONS 250 (160) 100 (63) 63 (40) 50 (30) 400 (200) µF 630 (220) 1000 (250) 1500 (300) D Max 35.0 min L Max d Convert to inches, divide by 25.4 DxL(mm) Lead Diameter Dd < 9.0 0.6 9 ≤D<20 0.8 ≥ 20 1.0 MWR 35.0 min Metallized Polyester Film Capacitors WVDC (VAC) 0.001 5.5x11.5 5.5x14.5 0.0015 5.5x11.5 5.5x14.5 0.0022 5.5x11.5 6x14.5 0.0033 5.5x11.5 6.5x14.5 0.0039 5.5x11.5 0.0047 5.5x11.5 7x14.5 0.0068 5.5x11.5 8x14.5 0.01 5x11.5 6x14 7x14.5 8.5x14.5 0.015 5.5x14.5 6.5x14.5 8x14.5 8.5x20.5 0.022 5.5x11.5 5.5x14 8x14 9.5x20.5 9.5x20.5 0.033 6x11.5 6x14 7.5x20.5 10.5x20.5 11x20.5 0.039 6x11.5 7x15.5 8x20.5 0.047 5.5x14 7x14 7.5x19 11x29 11x29 0.068 5.5x11.5 6.5x14.5 7.5x20.5 9x20.5 12.5x29 12.5x29 0.1 6x11.5 6x14 7.5x19 9x27 12x29 13x34 0.15 5.5x14 6x14 7x14 8.5x19 10.5x29 13x34 15x34 0.22 6x11.5 6.5x14 7x19 8.5x27 12.5x27 14.5x34 17.5x34 0.33 6x11.5 7.5x14 8x19 10x27 13.5x34 17x34 20.5x34 0.47 6x11.5 7x15.5 9.5x19 12.5x27 15.5x34 19.5x34 24x34 0.68 6x11.5 6.5x19 8x19 9.5x27 12.5x34 18.5x34 24.5x46.5 1 7.5x11.5 8x20.5 9.5x19 10.5x27 14.5x34 22x34 28.5x46.5 1.5 8x14.5 9.5x20.5 9x27 12.5x29 17.5x34 26.5x34 34x46.5 2.2 9x14.5 10.5x29 12x29 13.5x34 20.5x34 3.3 9.5x20.5 11x29 13x29 15.5x34 22.5x47 4.7 10.5x20.5 12.5x29 12.5x34 19.5x34 6.8 11.5x20.5 17x34 23x34 10 13.5x20.5 14x34 18x34 24.5x46.5 15 22x34 22 22x46 |