| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN28837FS Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN28837FS Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 18 page ![]() SN28837 1/2-INCH PAL TIMER SOCS031B – JULY 1991 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 VD GP PI PS,T GT ABIN BCP1, BCP2 Mode Operation (see Note B) 302 Pulses (see Note A) 290 Pulses Clear Operation Normal Operation NOTES: A. When VD is low and GP goes low, 290 pulses are generated for PI, PS, and T after VD goes high. B. When VD is high, GP goes low and 302 pulses are generated for PI, PS and T. C. GPS is at a steady-state low level. Figure 11. Normal Timing and Variable Integration H Counter n n+1 n+2 m m+1 m+2 m+3 6 7 n+3 CLK T1 = 299 ns 89 n+4 m m+1 m+2 m+3 6 7 8 9 HCR (see Note A) H Counter(T1) CBLK HCR (see Note B) Reset Window NOTES: A. The H counter is preset to the value 6 when HCR changes from low to high. B. Output signals are changed one T1 clock after the change of the counter through the output latches. Figure 12. Operation of HCR |