| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN28835FS Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN28835FS Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 17 page ![]() SN28835 1/2-INCH NTSC TIMER SOCS023B – FEBRUARY 1991 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VD GP PI PS,T GT ABIN BCP1, BCP2 Mode Operation Variable-Integration-Time (see Note B) 256 Pulses (see Note A) 244 Pulses Operation GPS Normal Operation See Note C Figure 10. Timing – Normal Operation Versus Variable-Integration-Time Operation NOTES: A. When VD is low and GP level changes from high to low, 244 pulses are generated on PI, PS, and T. B. When GP goes low, 256 pulses are generated on PI, PS, and T. C. Depending on the shutter design, GPS can either be held low or clocked during variable-integration-mode operation. If GPS is clocked, VD follows GP during the intervals in which GPS is high. |