Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC1449 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza 2SC1449
Descripción Electrónicos  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1449 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC1449 Datasheet HTML 1Page - Savantic, Inc. 2SC1449 Datasheet HTML 2Page - Savantic, Inc. 2SC1449 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC1449
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC=100µA;IE=0
40
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA; IB=0
35
V
V(BR)EBO
Emitter-base breakdown voltage
IE=100µA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=500mA ;IB=50m A
0.7
V
VBEsat
Base-emitter saturation voltage
IC=500mA ;IB=50m A
1.5
V
hFE
DC current gain
IC=300mA ; VCE=2V
40
250
ICBO
Collector cut-off current
VCB=35V; IE=0
0.5
µA
IEBO
Emitter cut-off current
VEB=4V; IC=0
0.5
µA
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
20
pF
fT
Transition frequency
IC=100mA ; VCE=5V
55
MHz



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com