Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC1985 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza 2SC1985
Descripción Electrónicos  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1985 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC1985 Datasheet HTML 1Page - Savantic, Inc. 2SC1985 Datasheet HTML 2Page - Savantic, Inc. 2SC1985 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC1985 2SC1986
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SC1985
60
V(BR)CEO
Collector-emitter
breakdown voltage
2SC1986
IC=25mA ,IB=0
80
V
VCEsat
Collector-emitter saturation voltage
IC=3A; IB=0.3A
1.0
V
2SC1985
VCB=80V; IE=0
ICBO
Collector
cut-off current
2SC1986
VCB=100V; IE=0
1.0
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
1.0
mA
hFE
DC current gain
IC=1A ; VCE=4V
40
fT
Transition frequency
IC=0.5A ; VCE=12V
10
MHz
Switching times
tr
Rise time
1.1
µs
tstg
Storage time
1.8
µs
tf
Fall time
IC=3A ; VCC=9V
IB1=-IB2=0.3A;RL=3C
0.55
µs



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com