Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ECS-P8F3X Datasheet(PDF) 1 Page - ECS, Inc.

No. de pieza ECS-P8F3X
Descripción Electrónicos  SMD PROGRAMMABLE OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ECS [ECS, Inc.]
Página de inicio  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-P8F3X Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-P8F3X Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-P8F3X/P8F5X
SMD PROGRAMMABLE OSCILLATOR
ECS-P8F3X (3.3V) and ECS-P8F5X (5V) J-Lead SMD PLL based
programmable crystal oscillators.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-P8F3X (+3.3V)
ECS-P8F5X (+5V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
1.0 ~ 50.0 MHz
> 50.1 MHz
@ +25°C ±3°C, First year
1.0 ~ 33.0 MHz
>33.1 MHz
VOH
VOL
Pin 1 = VIL
@ 50% Vcc level
20% Vcc to 80%Vcc level
Option A
Option B
Standard
Extended (N Option)
Enable/Disable Time
Aging
Start-Up Time
"1" level
"0" level
Input Current
Output Disable Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Jitter
Output Load (HCMOS)
1.000
1.000
-10
-40
-55
+2.97
MHz
°C
°C
°C
VDC
ppm
ppm
mA
mA
ns
pS p-p
pS p-p
%
VDC
VDC
pF
pF
ns
ms
ppm
125.000
+70
+85
+125
+3.63
± 100
±100
±50
+5.0
±100
±50
0.4
-10
±100
±100
Vcc-0.5
+70
+85
+125
+5.5
± 100
± 50
45
30
4
±250
40/60
150.000
15
100
± 5
10
-40
-55
+4.5
30
± 50
28
16
4
±250
2.7
40/60
0.4
50
15
150
10
± 5
DIMENSIONS (mm)
* Note: Inclusive of 25°C tolerance, operating temperature,input voltage change, load change, shock and vibration.
Figure 1) Top, Side, Bottom and End views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-P8F3X-20.000-AN
Pin Connections
ECS-P8F3X (3.3V)
Tri-State Control Voltage
ECS-P8F5X (5V)
Tri-State Control Voltage
Pin #1
Pin #2
Pin #3
Pin #4
Pad 1
Pad 1
Open
Open
2.0V Min.
2.0V Min.
0.7V Max.
0.8V Max.
Oscillation
No Oscillation
No Oscillation
Oscillation
Oscillation
Oscillation
Pad 3
Pad 3
Low Voltage HCMOS
Industry Standard Footprint
PLL technology
RoHS Compliant
ECS
-
Series
-
Frequency
-
Stability
Temperature
P8F3X = +3.3V
P8F5X = +5.0V
20.000
= 20.000 MHz
A = ± 100 ppm
B = ± 50 ppm
Blank = -10 ~ +70°C
N = -40 ~ +85°C
Tri-State
Ground
Output
Vcc
+3.3


Número de pieza similar - ECS-P8F3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ECS, Inc.
ECS-P8F3X-20.000-AN ECS-ECS-P8F3X-20.000-AN Datasheet
135Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
ECS-P8F3X-20.000-BN ECS-ECS-P8F3X-20.000-BN Datasheet
135Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
ECS-P8F3X ECS-ECS-P8F3X_14 Datasheet
135Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
More results

Descripción similar - ECS-P8F3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
auris-GmbH
APQO5032 AURIS-APQO5032 Datasheet
96Kb / 1P
Oscillator SMD, programmable
APQO7050 AURIS-APQO7050 Datasheet
64Kb / 1P
Oscillator SMD, programmable
logo
ECS, Inc.
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
auris-GmbH
APQO5032 AURIS-APQO5032_1 Datasheet
206Kb / 2P
Oscillator SMD, programmable
APQO7050 AURIS-APQO7050_1 Datasheet
273Kb / 2P
Oscillator SMD, programmable
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
Oscillator SMD, spread spectrum, programmable
APTCQO7050 AURIS-APTCQO7050 Datasheet
64Kb / 1P
Oscillator SMD, programmable
logo
ECS, Inc.
ECS-P8F3X ECS-ECS-P8F3X_14 Datasheet
135Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
ECS-P73 ECS-ECS-P73_14 Datasheet
132Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com