Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAT60B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza KAT60B
Descripción Electrónicos  Schottky Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAT60B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAT60B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Schottky Diodes
KAT60B(BAT60B)
Features
High current rectifier Schottky diode
Low voltage, low inductance
For power supply
For detection and step-up-conversion
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Non-Repetitive Peak reverse voltage
VRM
10
V
Forward current
IF
3A
Forward surge Current tp=10ms
IFSM
5A
Power dissipation TC=25
PD
350
mW
Junction temperature
TJ
150
Storage temperature
TSTG
-65to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IF =10mA
300
IF =100mA
380
IF =500mA
500
IF =1000mA
600
VR =5V
15
VR =8V
25
Junction Capacitance
CJ
VR =5V, f = 1.0MHz
30
pF
IR
VF
mV
Forwarad voltage
Leakage current
A
Marking
Marking
W5


Número de pieza similar - KAT60B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
KAT-0 MINI-KAT-0 Datasheet
231Kb / 4P
Fixed Attenuator
KAT-0+ MINI-KAT-0+ Datasheet
231Kb / 4P
Fixed Attenuator
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
Fixed Attenuator Die
KAT-1 MINI-KAT-1 Datasheet
231Kb / 4P
Fixed Attenuator
KAT-1+ MINI-KAT-1+ Datasheet
231Kb / 4P
Fixed Attenuator
More results

Descripción similar - KAT60B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com