Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1026CPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

No. de pieza TC1026CPA
Descripción Electrónicos  LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELCOM [TelCom Semiconductor, Inc]
Página de inicio  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1026CPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1026CPA Datasheet HTML 1Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-311
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRELIMINARY INFORMATION
TC1026
GENERAL DESCRIPTION
The TC1026 is a mixed-function device combining a
general purpose opamp, comparator and voltage reference
in a single 8-pin package.
This increased integration allows the user to replace
two or three packages, saving space, lowering supply
current, and increasing system performance.
The TC1026 is designed specifically for operation from
a single supply, however, operation from dual supplies is
also possible, and the power supply current drain is inde-
pendent of the magnitude of the power supply voltage. The
TC1026 is optimized for low voltage (VDD = 1.8V), low
supply current (10
µA max) operation.
Packaged in a space-saving 8-pin MSOP, the TC1026
consumes half the board area of an 8-pin SOIC and
is ideal for applications requiring high integration, small size
and low power.
LINEAR BUILDING BLOCK – LOW POWER COMPARATOR WITH
OP AMP AND VOLTAGE REFERENCE
FEATURES
s
Combines Low Power Op Amp, Comparator and a
Voltage Reference into a Single Package
s
Optimized for Single Supply Operation
s
Small Package ...................................... 8-Pin MSOP
(Consumes Half the Space of an 8-Pin SOIC)
s
Ultra Low Input Bias Current ...... Less than 100pA
s
Low Quiescent Current ........................... 10
µA max
s
Rail-To-Rail Inputs and Outputs
s
Operates Down to VDD = 1.8V min.
APPLICATIONS
s
Power Supply Circuits
s
Embedded Systems
s
Instrumentation
s
Portable Equipment
s
Consumer Products
s
Replacements for Discrete Components
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1026COA
8-Pin SOIC
0
°C to +70°C
TC1026CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1026CUA
8-Pin MSOP
0
°C to +70°C
TC1026EOA
8-Pin SOIC
– 40
°C to +85°C
TC1026EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1026EUA
8-Pin MSOP
– 40
°C to +85°C
TC43EV
Evaluation Kit for Linear
Building Block Family
TC1026-01 11/15/96
PIN CONFIGURATION
TC1026COA
TC1026EOA
TC1026CUA
TC1026EUA
VDD
VSS
TC1026CPA
TC1026EPA
AMPOUT
AMPIN
AMPIN+
VSS
AMPOUT
AMPIN
AMPIN+
VSS
AMPOUT
AMPIN
AMPIN+
CMPIN+
REF(CMPIN)
CMPOUT
VDD
CMPIN+
REF(CMPIN)
CMPOUT
VDD
CMPIN+
REF(CMPIN)
CMPOUT
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
8-Pin Plastic DIP
8-Pin SOIC
8-Pin MSOP
1
2
3
4
8
7
6
5
FUNCTIONAL BLOCK DIAGRAM
VSS
AMPOUT
AMPIN
AMPIN+
VDD
CMPIN+
REF(CMPIN)
CMPOUT
Voltage
Reference
+–
+
TC1026
CMP
AMP
EVALUATION
KIT
AVAILABLE


Número de pieza similar - TC1026CPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1026CEOA MICROCHIP-TC1026CEOA Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1026CEPA MICROCHIP-TC1026CEPA Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1026CEUA MICROCHIP-TC1026CEUA Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
More results

Descripción similar - TC1026CPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com