| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SCG2000 Datasheet(PDF) 5 Page - Connor-Winfield Corporation |
|
|
|||||||||||||||||||||||||||||
SCG2000 Datasheet(HTML) 5 Page - Connor-Winfield Corporation |
|
5 / 20 page ![]() Data Sheet #: SG035 Page 5 of 20 Rev: 00 Date: 08/23/04 © Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice Maximum Package Dimensions Figure 3 Recommended Footprint Dimensions Figure 4 0.640" [16.26mm] 0.800" [20.32mm] 0.080" [2.03mm] 0.650" [16.51mm] 0.050" [1.27mm] 0.100" [2.54mm] 0.050" [1.27mm] Output Jitter Specifications Table 6 All SCG2000 Models Jitter BW 10 Hz - 20 MHz SONET Jitter BW 12 KHz - 20 MHz Frequency (MHz) pS (RMS) m UI pS (RMS) m UI 1.544 30 Typ. 0.046 Typ. 4 Typ. 0.006 2.048 30 Typ. 0.061 Typ. 4 Typ. 0.008 8.448 10 Typ. 0.084 Typ. 1 Max., 0.5 Typ. 0.008 Max. 16.384 10 Typ. 0.164 Typ. 1 Max., 0.5 Typ. 0.016 Max. 19.44 10 Typ. 0.194 Typ. 1 Max., 0.5 Typ. 0.019 Max. 20.48 10 Typ. 0.205 Typ. 1 Max., 0.5 Typ. 0.020 Max. 37.056 10 Typ. 0.371 Typ. 1 Max., 0.5 Typ. 0.037 Max. 44.736 10 Typ. 0.457 Typ. 1 Max., 0.5 Typ. 0.045 Max. 49.152 10 Typ. 0.492 Typ. 1 Max., 0.5 Typ. 0.049 Max. 51.84 10 Typ. 0.518 Typ. 1 Max., 0.5 Typ. 0.052 Max. 77.76 10 Typ. 0.778 Typ. 1 Max., 0.5 Typ. 0.078 Max. 125.0 10 Typ. 1.25 Typ. 1 Max., 0.5 Typ. 0.125 Max. * Note: These jitter specs only apply to version 2 models Output Programming Table 7 All SCG2000 Models Tristate Free Run Output 0 0 Locked to reference selected (default) 1 X Hi-Z Tristate condition 0 1 Free run at nominal frequency Alarm Status Table 8 All SCG2000 Models LOL Output LOR Output Alarm Output 0 0 No alarm 1 0 Loss-of-Lock X 1 Loss-of-Reference |