Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LR700D Datasheet(PDF) 5 Page - Seoul Semiconductor

No. de pieza LR700D
Descripción Electrónicos  RED OVAL LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR700D Datasheet(HTML) 5 Page - Seoul Semiconductor

  LR700D_1 Datasheet HTML 1Page - Seoul Semiconductor LR700D_1 Datasheet HTML 2Page - Seoul Semiconductor LR700D_1 Datasheet HTML 3Page - Seoul Semiconductor LR700D_1 Datasheet HTML 4Page - Seoul Semiconductor LR700D_1 Datasheet HTML 5Page - Seoul Semiconductor LR700D_1 Datasheet HTML 6Page - Seoul Semiconductor LR700D_1 Datasheet HTML 7Page - Seoul Semiconductor LR700D_1 Datasheet HTML 8Page - Seoul Semiconductor LR700D_1 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
<080226> Rev. 0.3
4. Reliability Tests
Item
Condition
Note
Failures
Life Test
T
a = RT, IF = 30mA
1000hrs
0/22
0/22
0/22
Thermal Shock
T
a = -50ºC (30min) ~ 105º (30min)
(Transfer time : 10sec, 1Cycle = 1hr)
100
cycles
0/40
ESD
(Human Body Model)
1kV, 1.5kΩ ; 100pF
1 time
0/22
0/22
High Temperature Storage
T
a = 105ºC
1000hrs
0/22
Low Temperature Storage
T
a = -50ºC
1000hrs
0/22
Temperature Humidity
Storage
T
a = 85ºC, RH = 85%
1000hrs
0/22
Temperature Humidity
Operating
T
a = 85ºC, RH = 85%,
I
F = 15mA
100hrs
0/22
High Temperature Operating
T
a =100ºC, IF = 10mA
1000hrs
Resistance to soldering Heat
T
s = 255 ± 5ºC, t = 10sec
1 time
Low Temperature Operating
T
a = -40ºC, IF = 20mA
1000hrs
< Judging Criteria For Reliability Tests >
USL[1] X 1.2
V
F
USL X 2.0
I
R
Ф
V
LSL [2] X 0.7
Notes :
[1] USL : Upper Standard Level
[2] LSL : Lower Standard Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com