| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TAS5708 Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5708 Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 56 page ![]() DRC CONTROL (0x46) TAS5708 SLOS570 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com Table 19. PWM Output Mux Register (0x25) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 1 Reserved(1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 – – – – – – Reserved(1) – – 0 0 – – – – Multiplex channel 1 to OUT_A (1) – – 0 1 – – – – Multiplex channel 2 to OUT_A – – 1 0 – – – – Multiplex channel 1 to OUT_A – – 1 1 – – – – Multiplex channel 2 to OUT_A – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex channel 1 to OUT_B – – – – – – 0 1 Multiplex channel 2 to OUT_B – – – – – – 1 0 Multiplex channel 1 to OUT_B (1) – – – – – – 1 1 Multiplex channel 2 to OUT_B D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 – – – – – – Reserved (1) – – 0 0 – – – – Multiplex channel 1 to OUT_C – – 0 1 – – – – Multiplex channel 2 to OUT_C(1) – – 1 0 – – – – Multiplex channel 1 to OUT_C – – 1 1 – – – – Multiplex channel 2 to OUT_C – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex channel 1 to OUT_D – – – – – – 0 1 Multiplex channel 2 to OUT_D – – – – – – 1 0 Multiplex channel 1 to OUT_D – – – – – – 1 1 Multiplex channel 2 to OUT_D (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 0 0 0 1 0 1 RESERVED (1) Default values are in bold. D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION – – – – – – – 0 DRC turned OFF (1) – – – – – – – 1 DRC turned ON 0 0 0 0 0 0 0 – Reserved (1) (1) Default values are in bold. 48 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS5708 |