| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
REF5050AID Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF5050AID Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 20 page ![]() ELECTRICAL CHARACTERISTICS: ALL DEVICES REF5010 ,, REF5020 REF5025, REF5030 REF5040, REF5045, REF5050 SBOS410C – JUNE 2007 – REVISED DECEMBER 2008.................................................................................................................................................. www.ti.com Boldface limits apply over the specified temperature range, TA = –40°C to +125°C. At TA = +25°C, ILOAD = 0, CL = 1µF, and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted. REF50xx PARAMETER CONDITIONS MIN TYP MAX UNIT OUTPUT VOLTAGE TEMPERATURE DRIFT Output Voltage Temperature Drift dVOUT/dT High-Grade 2.5 3 ppm/°C Standard-Grade 3 8 ppm/°C LINE REGULATION Line Regulation dVOUT/dVIN REF5020(1) Only VIN = 2.7V to 18V 0.1 1 ppm/V All Other Devices 0.1 1 ppm/V Over Temperature 0.2 1 ppm/V LOAD REGULATION Load Regulation dVOUT/dILOAD –10mA < ILOAD < +10mA, VIN = VOUT + 0.75V 20 30 ppm/mA Over Temperature 50 ppm/mA SHORT-CIRCUIT CURRENT Short-Circuit Current ISC VOUT = 0 25 mA TEMP PIN Voltage Output At TA = +25°C 575 mV Temperature Sensitivity 2.64 mV/°C TURN-ON SETTLING TIME Turn-On Settling Time To 0.1% with CL = 1µF 200 µs POWER SUPPLY Supply Voltage VS See Note (1) VOUT + 0.2 (1) 18 V Quiescent Current 0.8 1 mA Over Temperature 1.2 mA TEMPERATURE RANGE Specified Range –40 +125 °C Operating Range –55 +125 °C Thermal Resistance θ JA MSOP-8 150 °C/W SO-8 150 °C/W (1) For VOUT ≤ 2.5V, the minimal supply voltage is 2.7V. 4 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050 |