| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSM108I Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM108I Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 13 page ![]() TSM108 8/13 6.4. OVLO increase: If the OVLO level needs to be increased (OV2), an additional resistor (Rovl2) must be connected between OV and Gnd following the equation. u OV = Vref (Rovh/Rovl +1) u OV2 = Vref (Rovh/(Rovl//Rovl2) +1) (iv) where Rovl//Rovl2 means that Rovl2 is in parallel to Rovl Solving iv. we obtain: u Rovl2 = Vref x Rovh Rovl / (OV2 x Rovl - Vref x (Rovh + Rovl)) As an example, if OV2 needs to be set to 40V, Rovl2 = 87k Ω 7. Standby Mode In order to reduce to a minimum the current consumption of the TSM108 when in inactive phase, the Standby mode (!STBY pin of TSM108) imposes a complete OFF state of the P-Channel MOSFET, as well as a complete shut off of the main functions of the TSM108 (operational amplifier, PWM generator and oscillator, UVLO and OVLO) and therefore reduces the consumption of the TSM108 to the Istby value. This !STBY command is TTL compatible, which means that it can be directly commanded from whatever logic signal. 8.Power Transistor: P-MOSFET or PNP Transistor? The TSM108 can drive, with minor external components change, either a P-channel MOSFET, or a PNP transistor. The choice of the transistor is completely to the user’s responsibility, nevertheless, here follows a few elements which will help to decide which is the most adapted transistor to drive depending on the application characteristics in terms of power and performances. The following figures shows two different schematics where both driving abilities of TSM108 are shown. The third schematic shows how to improve the switch off commutation when using a bipolar PNP transistor. P- MOSFET? PNP Transistor? The most immediate way to choose from a P-channel MOSFET or a PNP transistor is to consider the ratio between the output power of the application and the expected components price: the lower the power, the more suitable the PNP transistor is; the higher the power, the more suitable the P-channel MOSFET is. As an example, for a DC/DC adaptor built for 12V/6V, the recommended limit to choose from one to the other is situated around 200mA. Below 200mA, the price/performance ratio of the PNP transistor is very attractive, whereas above 200mA, the P-channel Mosfet takes the advantage. 9. Calculation of the Passive Elements Let’s consider the following characteristics for a Cigarette Lighter Cellular Phone Battery Charger: Vin = 12V - input voltage of the converter Vout = 6V - output voltage of the converter F = 100kHz - switching frequency of the converter adjustable with an external capacitor Iout = 625mA - output current limitation 9.1. Inductor The minimum inductor value to choose should apply to Lmin = (1 - D) R / 2F where R = Vout / Iout = 9.6 Ω and where D = Vout / Vin = 0.5 Therefore, Lmin = 24µH. L1 GD D1 TSM108 Q1 MOSFET P Q1 L1 GD D1 TSM108 Q1 L1 GD D1 TSM108 |