| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5634MMLQ60 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MMLQ60 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 73 4.6 Power Management Control (PMC) and Power On Reset (POR) electrical specifications Table 14. PMC Operating conditions and external regulators supply voltage ID Name C Parameter Min Typ Max Unit 1 Jtemp SR — Junction temperature –40 27 150 °C 2 Vddreg SR — PMC 5 V supply voltage VDDREG 4.751 1 During start up operation the minimum required voltage to come out of reset state is 4.6 V. 55.25 V 3 Vdd SR — Core supply voltage 1.2 V VDD when external regulator is used without disabling the internal regulator (PMC unit turned on, LVI monitor active)2 2 An internal regulator controller can be used to regulate core supply. 1.263 3 The minimum supply required for the part to exit reset and enter in normal run mode is 1.28 V. 1.3 1.32 V 3a — SR — Core supply voltage 1.2 V VDD when external regulator is used with a disabled internal regulator (PMC unit turned-off, LVI monitor disabled) 1.14 1.2 1.32 V 4 Ivdd SR — Voltage regulator core supply maximum DC output current4 4 The onchip regulator can support a minimum of 400 mA although the worst case core current is 180 mA. 400 — — mA 5 Vdd33 SR — Regulated 3.3 V supply voltage when external regulator is used without disabling the internal regulator (PMC unit turned-on, internal 3.3 V regulator enabled, LVI monitor active)5 5 An internal regulator can be used to regulate 3.3 V supply. 3.3 3.45 3.6 V 5a — SR — Regulated 3.3 V supply voltage when external regulator is used with a disabled internal regulator (PMC unit turned-off, LVI monitor disabled) 33.3 3.6 V 6 — SR — Voltage regulator 3.3 V supply maximum required DC output current 80 — — mA Table 15. PMC electrical characteristics ID Name C Parameter Min Typ Max Unit Notes 1 Vbg CC C Nominal bandgap voltage reference — 1.219 — V 1a — CC P Untrimmed bandgap reference voltage Vbg–7% Vbg Vbg+6% V 1b — CC P Trimmed bandgap reference voltage (5 V, 27 °C)1 Vbg–10mV Vbg Vbg+10mV V 1c — CC C Bandgap reference temperature variation — 100 — ppm /°C |