Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSA1001 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza TSA1001
Descripción Electrónicos  10-BIT, 25MSPS, 35mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSA1001 Datasheet HTML 5Page - STMicroelectronics TSA1001 Datasheet HTML 6Page - STMicroelectronics TSA1001 Datasheet HTML 7Page - STMicroelectronics TSA1001 Datasheet HTML 8Page - STMicroelectronics TSA1001 Datasheet HTML 9Page - STMicroelectronics TSA1001 Datasheet HTML 10Page - STMicroelectronics TSA1001 Datasheet HTML 11Page - STMicroelectronics TSA1001 Datasheet HTML 12Page - STMicroelectronics TSA1001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TSA1001
9/19
EQUIVALENT CIRCUITS
Figure 1 : Analog Input Circuit
Figure 2 : Input clock circuit
Figure 3 : Input buffers
Figure 4 : Tri-state output buffers
VIN
AGND=0V
PAD
CAPACITANCE
7 pF
AVCC=2.5V
(or VINB)
common mode
CLK
DGND=0V
PAD
CAPACITANCE
7 pF
DVCC=2.5V
GNDbuff=0V
PAD
CAPACITANCE
7pF
VCCbuf=2.5V
DFS
Ω
278.5
Ω
208.2
Ω
355.5
GND buff=0V
DATA
VCC buf=2.5V
PAD CAPACITANCE
7pF
OUT
2 mA
OUTPUT
BUFFER
GNDbuff=0V
OE
VCC buf =2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19