Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS431AI Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza TS431AI
Descripción Electrónicos  LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431AI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS431AI Datasheet HTML 6Page - STMicroelectronics TS431AI Datasheet HTML 7Page - STMicroelectronics TS431AI Datasheet HTML 8Page - STMicroelectronics TS431AI Datasheet HTML 9Page - STMicroelectronics TS431AI Datasheet HTML 10Page - STMicroelectronics TS431AI Datasheet HTML 11Page - STMicroelectronics TS431AI Datasheet HTML 12Page - STMicroelectronics TS431AI Datasheet HTML 13Page - STMicroelectronics TS431AI Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
TS431
10/14
3.2
TO-92 (tape & reel) package
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
D
4.45
4.95
0.175
0.195
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.095
0.105
e1
1.14
1.40
0.045
0.055
L
12.7
15.49
0.500
0.610
R
2.16
2.41
0.085
0.095
S1
0.92
1.52
0.036
0.060
W
0.41
0.56
0.016
0.022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14