| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5070 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS5070 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 32 page ![]() BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC VCC to GND 7 V VSS VSS to GND – 7 V Voltage at VFXI VCC + 0.5 to VSS – 0.5 V VIN Voltage at Any Digital Input VCC + 0.5 to GND – 0.5 V Current at VFRO ± 100 mA IO Current at Any Digital Output ± 50 mA Tstg Storage Temperature Range – 65, + 150 °C Tlead Lead Temperature Range (soldering, 10 seconds) 300 °C TS5070 - TS5071 3/32 |