Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS321I Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza TS321I
Descripción Electrónicos  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321I Datasheet(HTML) 7 Page - STMicroelectronics

  TS321I Datasheet HTML 1Page - STMicroelectronics TS321I Datasheet HTML 2Page - STMicroelectronics TS321I Datasheet HTML 3Page - STMicroelectronics TS321I Datasheet HTML 4Page - STMicroelectronics TS321I Datasheet HTML 5Page - STMicroelectronics TS321I Datasheet HTML 6Page - STMicroelectronics TS321I Datasheet HTML 7Page - STMicroelectronics TS321I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC MICROPACKAGE (SO)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
o (typ.)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
o (max.)
TS321
7/8



Html Pages

1 2 3 4 5 6 7 8