Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP3D157 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TP3D157
Descripción Electrónicos  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3D157 Datasheet(HTML) 3 Page - Vishay Siliconix

  TP3D157 Datasheet HTML 1Page - Vishay Siliconix TP3D157 Datasheet HTML 2Page - Vishay Siliconix TP3D157 Datasheet HTML 3Page - Vishay Siliconix TP3D157 Datasheet HTML 4Page - Vishay Siliconix TP3D157 Datasheet HTML 5Page - Vishay Siliconix TP3D157 Datasheet HTML 6Page - Vishay Siliconix TP3D157 Datasheet HTML 7Page - Vishay Siliconix TP3D157 Datasheet HTML 8Page - Vishay Siliconix TP3D157 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TP3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Vishay Sprague
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Jun-08
55
MARKING
“A” CASE VOLTAGE CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking:
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
Capacitance
Code, pF
Indicates
High Performance
Polarity Band (+)
Voltage
Code
V
104P
A Case
Date Code
Vishay
Sprague
Logo
Indicates
High Performance
Voltage
Capacitance
µF
Polarity
Band (+)
22
P10
XX
2
B, C, D, E Cases
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C
33
C
TP3C336(1)004(2)1800AS
1.3
6
1.800
0.25
33
C
TP3C336(1)004(2)0500AS
1.3
6
0.500
0.47
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
2.2
A
TP3A225(1)6R3(2)7600AS
0.5
6
7.600
0.10
2.2
A
TP3A225(1)6R3(2)6000AS
0.5
6
6.000
0.11
3.3
A
TP3A335(1)6R3(2)6300AS
0.5
6
6.300
0.11
3.3
A
TP3A335(1)6R3(2)5000AS
0.5
6
5.000
0.12
4.7
A
TP3A475(1)6R3(2)5500AS
0.5
6
5.500
0.12
4.7
A
TP3A475(1)6R3(2)3500AS
0.5
6
3.500
0.15
6.8
A
TP3A685(1)6R3(2)5000AS
0.5
6
5.000
0.12
10
A
TP3A106(1)6R3(2)3400AS
0.6
6
3.400
0.15
10
A
TP3A106(1)6R3(2)2000AS
0.6
6
2.000
0.19
10
B
TP3B106(1)6R3(2)2900AS
0.6
6
2.900
0.17
10
B
TP3B106(1)6R3(2)1000AS
0.6
6
1.000
0.29
15
A
TP3A156(1)6R3(2)2900AS
0.9
6
2.900
0.16
15
A
TP3A156(1)6R3(2)2000AS
0.9
6
2.000
0.19
15
B
TP3B156(1)6R3(2)2500AS
0.9
6
2.500
0.18
22
A
TP3A226(1)6R3(2)2900AS
1.3
6
2.900
0.16
22
A
TP3A226(1)6R3(2)2000AS
1.3
6
2.000
0.19
22
B
TP3B226(1)6R3(2)2000AS
1.3
6
2.000
0.21
22
B
TP3B226(1)6R3(2)0600AS
1.3
6
0.600
0.38
22
C
TP3C226(1)6R3(2)1800AS
1.3
6
1.800
0.25
22
C
TP3C226(1)6R3(2)0500AS
1.3
6
0.500
0.47
33
A
TP3A336(1)6R3(2)2500AS
2.0
14
2.500
0.17
33
A
TP3A336(1)6R3(2)0800AS
2.0
14
0.800
0.31
33
B
TP3B336(1)6R3(2)1900AS
2.0
6
1.900
0.21
33
B
TP3B336(1)6R3(2)0600AS
2.0
6
0.600
0.38
33
C
TP3C336(1)6R3(2)1500AS
2.0
6
1.500
0.27
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com