Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M62258FP Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza M62258FP
Descripción Electrónicos  General Purpose Battery Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62258FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62258FP Datasheet HTML 1Page - Renesas Technology Corp M62258FP Datasheet HTML 2Page - Renesas Technology Corp M62258FP Datasheet HTML 3Page - Renesas Technology Corp M62258FP Datasheet HTML 4Page - Renesas Technology Corp M62258FP Datasheet HTML 5Page - Renesas Technology Corp M62258FP Datasheet HTML 6Page - Renesas Technology Corp M62258FP Datasheet HTML 7Page - Renesas Technology Corp M62258FP Datasheet HTML 8Page - Renesas Technology Corp M62258FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M62258FP
REJ03F0247-0200 Rev.2.00 Jun 16, 2008
Page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
16
V
Main switch drive current
ISW
200
mA
Regulator output current
IB
20
mA
P.C drive current
IPC
10
mA
Main switch max. voltage
VSW
VCC
V
P.C max. voltage
VPC
VCC
V
Power dissipation
Pd
650
mW
Thermal derating
K
θ
6.5
mW/
°C
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Ta = 25
°C, V
CC = 12 V, ISW = 50 mA, unless otherwise noted)
Block
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply voltage
VCC
VDD + 0.2
15
V
Circuit current
ICC
15
mA
Stabilized voltage output
VDD
4.75
5.00
5.25
V
IB = 10 mA
Input regulation
Reg-in
50
200
mV
VDD + 0.2 V
Load regulation
Reg-L
10
100
mV
IDD = 1 to 100 mA
Ripple rejection ratio
R.R
60
dB
f = 120 Hz, Vin = 0 dBm
5 V
power
supply
Minimum input-output
voltage difference
VDEF
0.2
V
SW
Main-SW output
saturation voltage
VsatM
0.8
1.2
V
ISW = 50 mA
Input voltage range
VIN
0
VCC – 2
V
Input bias current
IIB
–1
µA
Control
Op.
P.C output "L" voltage
VPCL
0.2
0.4
V
IPC = 5 mA
ISENSE input voltage range
VISENSE
0.5
V
0.2
5
V
VCC ≥ 7 V
IN input voltage range
VIN-IN
0.2
3.5
V
VCC = 5.5 V
Level
Mag.
IN input current
IIN
–100
nA
Typical Characteristics
Thermal Derating (maximum rating)
800
600
650
400
200
0
0
25
50
75
85
100
125
Ambient Temperature Ta (
°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com